PART |
Description |
Maker |
LC66356B LC662312A LC662316A LC66P2516 LC66516B LC |
Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM 四位单片机与4,6微控制器 KB的片上ROM Four-Bit Single-Chip Microcontrollers with 4/ 6/ 8/ 12/ and 16 KB of On-Chip ROM 4-Bit Microcontroller Microcontroller 微控制器 Four-Bit Single-Chip Microcontrollers with 4/6/and 8 Four-Bit Single-Chip Microcontrollers with 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 and 8 KB of On-Chip ROM Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM 12 and 16-kbyte on-chip ROM capacities CMOS 4-bit single-chip microcontrollers
|
Sanyo Electric Co., Ltd. Eutech Microelectronics, Inc. SANYO[Sanyo Semicon Device] http://
|
SAB-C504-2R24M SAB-C504-2RM SAB-C504-LM SAB-C504-L |
8-Bit Microcontrollers - 8-Bit CMOS Microcontroller with mask-programmable ROM (24MHz) 8-Bit Microcontrollers - 8-Bit CMOS Microcontroller with mask-programmable ROM (12MHz) 8-Bit Microcontrollers - 8-Bit CMOS Microcontroller for external memory (12MHz) 8-Bit Microcontrollers - 8-Bit CMOS Microcontroller for external memory (24MHz) 8-Bit Microcontrollers - 8-Bit CMOS Microcontroller for extended temperature ranges
|
Infineon
|
PIC18F1330 |
High-Performance Microcontrollers with 10-bit A/D and nanoWatt Technology 8-bit PIC庐 Microcontrollers
|
Microchip Technology Microchip Technology, Inc.
|
LC66E308 LC66P308 LC66P2516 LC66P2108 LC665316A LC |
Four-Bit Single-Chip Microcontrollers with 8, 12, and 16 KB of On-Chip ROM 四位单芯12微控制器,和16 KB的片上ROM Advanced LinCMOS(TM) Rail-To-Rail Quad Operational Amplifier 14-TSSOP 0 to 70 Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM Four-Bit Single-Chip Microcontrollers with 4 6 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 and 8 KB of On-Chip ROM 4-bit Microcontroller with Built-in PROM
|
Sanyo Electric Co., Ltd. Sanyo Electric Co.,Ltd. SANYO[Sanyo Semicon Device] http://
|
C505C SAFC505C-2RM SABC505C-LM SAFC505C-LM SAKC505 |
8-Bit Microcontrollers - General Description: The C505C enhances the C500 family of 8-bit Microcontrollers by a new member which provides full CAN version 2.0 B integrated on-chip. The C505C meets the current requirements for increasingly
|
Infineon
|
MC68HC908AP64 MC68HC908AP32CB |
8 bit Microcontroller Unit (MCU)(8位MCU) Microcontrollers 8-BIT, FLASH, 8 MHz, MICROCONTROLLER, PDIP42 Microcontrollers 微控制器
|
Motorola, Inc. 飞思卡尔半导体(中国)有限公司 Motorola Mobility Holdings, Inc.
|
SAK-TC1765T-L40EB SAK-TC1765N-L40EB |
32-Bit Microcontrollers - incl. OCDS 2 trace port 32-Bit Microcontrollers - OCDS Level 1
|
Infineon
|
SAB80C535-N-T40/85 SAB80C515-M-T40/85 SAB80C515-N- |
High Speed CMOS Logic Quad 2-Input Multiplexers with Non-Inverting 3-State Outputs 16-PDIP -55 to 125 High Speed CMOS Logic Quad 2-Input Multiplexers with Non-Inverting 3-State Outputs 16-SOIC -55 to 125 8-Bit CMOS Single-Chip Microcontroller 8-BIT, MROM, 12 MHz, MICROCONTROLLER, PQCC68 8-Bit Microcontrollers - 8-Bit CMOS microcontroller for external memory (12MHz) 8-Bit Microcontrollers - 8-Bit CMOS Microcontroller for external memory (16 MHz) 8-Bit Microcontrollers - 8-Bit CMOS microcontroller for external memory (16MHz) 8-Bit Microcontrollers - 8-Bit CMOS microcontroller for external memory(12MHz)
|
Siemens Semiconductor Group SIEMENS AG http:// Infineon Siemens Semiconductor G...
|
SAK-C167CS-4RMCA-STEP SAK-C167CS-L40MCA-STEP SAK-C |
16-Bit Microcontrollers - 16-Bit CMOS microcontroller (25MHz) 16-Bit Microcontrollers - 16-Bit CMOS microcontroller (40MHz)
|
Infineon
|
UPD70F3201 UPD703201GC-XXX-8EU UPD703204F1-XXX-EA6 |
(UPD70F3201 / UPD70F3204) 32-Bit Single-Chip Microcontrollers 32-BIT SINGLE-CHIP MICROCONTROLLERS 32位单晶片微控制器
|
NEC Electronics NEC Corp. NEC, Corp.
|
LPC2101 LPC2101FBD48 LPC2102 LPC2102FBD48 LPC2103 |
Single-chip 16-bit/32-bit microcontrollers; 8 kB/16 kB/32 kB flash with ISP/IAP, fast ports and 10-bit ADC
|
PHILIPS[Philips Semiconductors]
|